|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
csm_h3ca_ds_e_3_2 1 solid-state timer h3ca din-sized (48 x 48, 45 x 75 mm) timer with digital setting and lcd display ? dual power supplies for free ac/dc. ? eight operation modes selectable with one unit. ? any desired time can be set digitally within a range from 0.1 seconds to 9,990 hrs. ? four external signal inputs. ? on/off indicator for control output and bar indicator for remaining time. ? conforms to ul, csa, and ce marking. for the most recent information on models that have been certified for safety standards, refer to your omron website. ordering information note: 1. specify both the model number and supply voltage when ordering for the h3ca-8h and h3ca-8. 2. the operation/resetting system depends on the selected operation mode. for details, see ?timing chart?. 3. the 8 operation modes are as follows: a: on-delay operation b: repeat cycle operation c: signal on/off-delay operation (1) d: signal off-delay operation (1) e: interval operation f: one-shot and flicker operation g: signal on/off-delay operation (2) h: signal off-delay operation (2) accessories (order separately) note: track mounted socket can be used as a front connecting socket. specifications time ranges a desired time can be set within a range of 0.1 s to 9,990 hrs by combining the three thumbwheel switch modules for time settin g and one module for time unit selection. operation/resetting system operation mode terminal time-limit contact instantaneous contact mounting surface mounting/ track mounting flush mounting time-limit operation/self- resetting/external resetting (see note 2) 8 operation modes (selectable) (see note 3) 11-pin round socket spdt --- H3CA-A H3CA-A front screw h3ca-fa --- time-limit operation/ self-resetting on-delay operation 8-pin round socket dpdt --- h3ca-8 h3ca-8 spdt spdt h3ca-8h h3ca-8h timer track mounted socket (see note.) back connecting socket solder terminal screw terminal H3CA-A p2cf-11 pl11 p3ga-11 h3ca-8h/h3ca-8 p2cf-08 pl08 p3g-08 time unit 0.1 s 1 s 0.1 min 1 min 0.1 hrs 1 hr 10 hrs time range 1 to 999 (3 digits)
h3ca 2 ratings note: 1. single-phase, full-wave rectified power sources may be used for 24 to 240 vdc. 2. refer to safety precautions for all times when combining the timer with an ac 2-wire proximity sensor. characteristics item H3CA-A/h3ca-fa h3ca-8 h3ca-8h rated supply voltage (see note 2.) 24 to 240 vac (50/60 hz), 12 to 240 vdc (permissible ripple: 20% max.) 100/110/120, 200/220/240 vac, (50/60 hz), 24 vdc, 110 vdc (permissible ripple: 20% max.) (see note 1.) operating voltage range 90% to 110% of rated supply voltage 85% to 110% of rated supply voltage power consumption ac: approx. 4 va dc: approx. 2 w ac: approx. 10 va/1 w dc: approx. 1 w ac: approx. 10 va/1.5 w dc: approx. 2 w control outputs 3 a at 250 vac, resistive load (cos = 1) minimum applicable load h3ca-8, H3CA-A and h3ca-fa: 10 ma at 5 vdc (failure level: preference value) h3ca-8h: 100ma at 5 vdc (failure level: preference value) accuracy of operating time 0.3% 0.05 s influence of voltage influence of temperature setting error 0.5% 0.05 s max. reset time H3CA-A/-fa: 0.5 s max. h3ca-8h/-8: 0.1 s max. insulation resistance 100 m min. (at 500 vdc) dielectric strength 2,000 vac, 50/60 hz for 1 min (between current-carryin g and non-current-carrying parts and between contact and control circuit) 1,000 vac, 50/60 hz for 1 min (between non-continuous contacts) impulse withstand voltage 3 kv vibration resistance destruction: 10 to 55 hz with 0.75-mm doubl e amplitude for 1 h each in three directions malfunction: 10 to 55 hz with 0.5-mm double amplitude for 10 min each in three directions shock resistance destruction: 980 m/s 2 malfunction: 98 m/s 2 ambient temperature operating: ?10 c to 55 c ambient humidity operating: 35% to 85% life expectancy mechanical: 10,000,000 operations min. (under no load at 1,800 operations/h) electrical: 100,000 operations min. (3 a at 250 vac, cos = 1 at 1,800 operations/h) see lift-test curve for more details. approved standards ul508, csa c22.2 no. 14, lr, nk conforms to en61010-1. emc (emi) en61326 emission enclosure: en55011 group 1 class a emission ac mains: en55011 group 1 class a (ems) en61326 immunity esd: en61000-4-2: 4 kv contact discharge (level 2) 8 kv air discharge (level 3) immunity rf-interference: en61000-4-3: 10 v/m (amp litude-modulated, 80 mhz to 1 ghz) (level 3); 10 v/m (pulse-modulated, 900 mhz 5 mhz) (level 3) immunity conducted disturbance: en61000-4-6: 10 v (0.15 to 80 mhz) (according to en61000-6-2) immunity burst: en61000-4-4: 2 kv power-line (level 3); 1 kv i/o signal-line (level 4) immunity surge: en61000-4-5: 1 kv line to lines (power and outpu t lines) (level 3); 2 kv line to ground (power and output lines) (level 3) immunity voltage dip/interruption en61000-4-11: 0.5 cycle, 100% (rated voltage) weight H3CA-A: approx. 110 g h3ca-fa: approx. 190 g h3ca 3 engineering data life-test curve nomenclature switching operations ( 10 3 ) load current (a) reference: a maximum current of 0.15 a can be switched at 125 vdc (cos = 1). maximum current of 0.1 a can be switched if l/r is 7 ms. in both cases, a life of 100,000 operations can be expected. note: 1. the h3ca series has been tested for the following: impulse voltages, noise (via noise simulator, for l loads, and for relay oscillation), and resistance to static electricity. 2. minimum applicable load (p reference values): H3CA-A(fa), h3ca-8h: 100 ma at 5 vdc h3ca-8: 10 ma at 5 vdc H3CA-A/h3ca-8h h3ca-fa time unit selector set time indicators (3 digits) lcd display operation mode selector (fixed to "a" in h3ca-8h) a: on-delay operation b: flicker operation c: signal on/off-delay operation (1) d: signal off-delay operation (1) e: interval operation f: one-shot and flicker operation g: signal on/off-delay operation (2) h: signal off-delay operation (2) lcd display time unit selector operation mode selector set time indicators (3 digits) control output on/off indication remaining time elapses, the remaining time is indicated by a pattern of bars in tenth of 1/10 of the set time. h3ca 4 operation timing chart H3CA-A (fa) on-delay operation (a mode) signal start t: set time; t-a: time within the set time t: set time; r: resetting time; t-a: time within the set time power-on start/power-off reset note: the minimum signal input time is 0.05 s. flicker operation (b mode) signal start power-on start/power-off reset t: set time; t-a: time within the set time t: set time note: the minimum signal input time is 0.05 s. h3ca 5 t: set time; t-a: time within the set time t: set time; t-a: time within the set time signal on/off-delay operation 1 (c mode) signal off-delay operation 1 (d mode) note: 1. the minimum signal input time is 0.05 s. 2. operation 1 refers to the version in which the output relay operates when the start signal is on. interval operation (e mode) signal start t: set time; t-a: time within the set time t: set time note: the minimum signal input time is 0.05 s. one-shot and flicker operation (f mode) signal start power-on start/power-off reset note: the minimum signal input time is 0.05 s. t: set time; t-a: time within the set time t: set time; t-a: time within the set time note: the minimum signal input time is 0.05 s. signal on/off-delay operation 2 (g mode) signal on/off-delay operation 2 (h mode) note: 1. the minimum signal input time is 0.05 s. 2. operation 2 refers to the version in which the output relay does not operate when the start signal is on. t: set time; t-a: time within the set time t: set time; t-a: time within the set time t-a h3ca 6 on-delay operation repeat cycle operation 2. the set time is the sum of t 1 and t 2 . t: set time; t-a: time within the set time t: set time; t-a: time within the set time if a check signal is input to the timer during the lapse of a set time, the remaining set time will become 0 and the timer will enter the next control state. also, while a check signal is being input, the elapsed time measurement of the set time is not performed. note: 1. this timing chart indicates the gate input in operation mode a (on-delay operation). how to use gate signal input how to use check signal input h3ca-8h h3ca 7 dimensions note: all units are in millimeter s unless otherwise indicated. timers accessories (order separately) track mounted front connecting socket panel cutouts H3CA-A/-8h h3ca-fa horizontally connecting n u nits no front cover: n = (48n ? 2.5) +1 / ? 0 with front cover: n = {48n ? 2.5 + (n ? 1) x 3} +1 / ? 0 mountin g holes t w o,m4 or 4.5 dia. holes (n) when mo u nting a single u nit t = 1 to 3.2 mm note: when mo u nting t w o or more timers in line, dimension l bet w een t w o adjacent timers sho u ld be 10 mm min. 45 +0.6 (n) ? 0 mountin g holes terminal arran g ement (top view) 108.1 p2cf-08 97.2 mountin g holes terminal arran g ement (top view) eleven, m3.5 7.5 sems eight, m3.5 7.5 sems t w o, 4.5 dia. holes t w o, 4.5 dia. holes note1: p2cf-08 can be u sed as a front connecting socket. mountin g hei g ht of timer with socket mountin g hei g ht of timer with socket t w o, 4.5 dia. or t w o, m4 t w o, 4.5 dia. mo u nting holes note1: p2cf-11 can be u sed as a front connecting socket. note2: there are no restrictions to the mo u nting direction. note2: there are no restrictions to the mo u nting direction. h3ca 8 back connecting socket 79.6 p3ga-11 terminal arran g ement (bottom view) terminal arran g ement (bottom view) p3g-08 86.3 10.9 p3g-08 mountin g holes terminal arran g ement (bottom view) pl11 approx. 20.5 t w o, 2 dia. holes 35 max. m3.5 mountin g holes terminal arran g ement (bottom view) pl08 27 dia. 79.6 mountin g hei g ht of timer with socket mountin g hei g ht of timer with socket mountin g hei g ht of timer with socket t w o, 3.5 dia. or 3m socket mo u nting holes t w o, 3.5 dia. or 3m socket mo u nting holes hold-do w n clip y92h-1 t w o, 2 dia. holes note: there are no restrictions to the mo u nting direction. h3ca 9 mounting track (meets din en50022) protective cover (see note) pfp-100n/pfp-50n pfp-100n2 twelve, 25 4.5 elliptic holes (see note) note: this dimension applied to pfp-50n. pfp-m pfp-s y92f-30 note: pay attention to the orientation of the adapter when mounting two or more timers in a vertical or horizontal line. note: a total of 12-25 4.5 elliptic holes are provided with 6 holes cut from each rail end at a pitch of 10 mm between holes. end plate adapter for flush mounting y92a-48b/y92a-48d y92a-48b hard plastic cover y92a-48d soft pvc cover the protective cover protects the front panel, particularly the time setting section, against dust, dirt and water drip, as well as prevents the set value from being altered due to accidental contact with the time setting knob. note: the y92a-48b protective cover is made of a hard plastic and therefore, must be removed to change the timer set value. however, since the y92a-48d protective cover is made of pvc, the set value can be altered by pressing on the surface of the cover. it may be, however, difficult to make setting changes of the timer with the y92a-48b protective cover attached, which must be taken into consideration before using the y92a-48b protective cover. when attaching the y92a-48a to the timer to be panel-mounted, use the y92f-30 mounting adapter along with the timer. the protective cover cannot be, however, used for the h3ca-fa series. h3ca 10 installation terminal arrangement input connections signal inputs connect the start input contact between terminals c and f , the reset input contact between terminals c and g , the gate input contact between terminals c and e , and the check input contact between terminals c and d . for each signal input contact, use a gold-plated contacts with high reliability. be sure that these input signals satisfy the following requirements: a resistance of 1 k ? (max.) and a residual voltage of 1 v (max.) when the contact is made. solid-state signal inputs connect the start input transistor between terminals c and f , the reset input transistor between terminals c and g , the gate input transistor between terminals c and e , and the check input transistor between terminals c and d . for signal input, use an open collector type transistor with characteristics: v ceo = 20 v min., v ce(s) = 1 v max., ic = 50 ma min. and i cbo = 0.5 a max. in addition, be sure that the input signals satisfy the following requirements: a resistance of 1 k ? (max.) and a residual voltage of 1 v (max.) when the transistor is on, and a resistance of 200 k ? (min.) when the transistor is off. H3CA-A h3ca-fa (see note 2) (see note 2) **** * *** note: 1. *c: check: 3-4 *g: gate: 3-5 *s: start: 3-6 *r: reset: 3-7 note: 1. *c: check: x-e1 *g: gate: x-d1 *s: start: x-c1 *r: reset: x-b1 (+) or (-) (+) or (-) (+) or (-) (+) or (-) 2. conventional time-limit contacts are symbolized as . however, the contacts of H3CA-A are symbolized as because timer has 8 operation modes. 2. conventional time-limit contacts are symbolized as . however, the contacts of h3ca-fa are symbolized as because timer has 8 operation modes. h3ca 11 from a solid-state circui t (proximity sensor, p hotoelectric sensor, or the like) with rated power supply voltage ranging from 6 to 30 vdc, input signals can also be applied by other than an open collector type transistor as shown in the followi ng diagram. the input signal from a solid-state circuit is applied when output transistor tr turns on. in terms of signal voltage, the signal is input when it goes from a high to low level. again, the residual vo ltage should be 1 v (max.) when the transistor is on. as the current output from the timer to tr is approximately 0.1 ma, this connec tion is possible provided the residual voltage is kept to a maximum of 1 v. note: except for the power supply circuitry, avoid the laying of input signal wires in parallel or in the same conduit with high-tension or power lines. it is recommended to use shielded wires or wiring with independent metal conduits for the shortest possible distance. solid-state circuit (proximity sensor, photoelectric sensor, etc.) h3ca-8 (+) (-) (+) (-) h3ca-8h h3ca 12 application examples standard type h3ca is used for the following application examples. in the schemat ic diagrams, each thick the indicates the wiri ng necessary for selecting the desired operation mode. on-delay operation (a mode) power-on start/power-off reset signal start/signal reset ( + ) or ( ? ) ( + ) ( + ) flicker operation (b mode) power-on start/power-off reset signal start/signal reset ( + ) ( + ) signal on/off-delay operation 1 (c mode) t: set time, t-a: time within the set time t-a signal off-delay operation 1 (d mode) signal start/instantaneous operation/time-limit reset ( + ) ( + ) or ( ? ) ( + ) or ( ? ) or ( ? ) ( + ) or ( ? ) ( + ) or ( ? ) ( + ) or ( ? ) or ( ? ) or ( ? ) or ( ? ) or ( ? ) ( + ) or ( ? ) signal on/off-start/instantaneous operation/ time-limit reset h3ca 13 signal on/off-delay operation 2 (g mode) signal start/signal reset interval operation (e mode) power-on start/power-off reset signal start/signal reset one-shot and flicker operation (f mode) power-on start/power-off reset signal off-delay operation 2 (h mode) signal/instantaneous operation/time-limit reset (+) (+) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) (+) or ( ? ) or ( ? ) (+) or ( ? ) or ( ? ) signal on/off-start/instantaneous operation/ time-limit reset h3ca 14 safety precautions how to change operation mode operate the pushbuttons of the thumbwheel switch, located at the leftmost position on the front panel to set the operation mode. eight operation modes (a, b, c, d, e, f, g, and h) are selectable and the selected operation mode is displayed in the operation mode display window. how to change time unit and rated time operate the pushbuttons of the rightmost thumbwheel switch to select the desired time unit. seven time units (0.1 s, s, 0.1 m, m, 0.1 h, h, or 10 h) are selectable and the selected time unit is displayed in the time unit display window. the desired rated time is specified by operating the three thumbwheel switches in the middle of the front panel. the range of rated time is 001 to 999 for each unit. time unit and rated time ! caution 1. do not change the time unit, rated time, or operation mode while the timer is in operation. otherwise, the timer may malfunction or be damaged. be sure to turn off the power supply to the timer before changing the timer unit, rated time or operation mode. 2. note that output will be generated in c, d, e, g, or h mode even if the rated time is set to 000. no output will be generated in a, b, or f mode. connecting the operating power supply the h3ca-8 @ contains a capacitor-d rop power circuit. use a sinusoidal power supply with a commercial frequency. do not use power supplies with a high frequenc y component (such as inverter power supplies) for timers with 100 to 240-vac specifications. using these power supplies can damage internal circuits. the power supply connections to the H3CA-A and h3ca-fa can be made without regard to polarity for both ac and dc power supplies; just connect to the specified terminals (2 and 10, or a1 and a2). when connecting a dc power supply to the h3ca-8 or h3ca-8h, however, the polarity must be connected as indicated. although there is a wide range of power connectable to the H3CA-A and h3ca-fa, be sure that there is no inductive voltage or residual voltage applied to the timer power supply terminals (2 and 10, or a1 and a2) when the power switch is turned off. (inductive voltage can be generated in the power supply line if it is placed in parallel with high-voltage or power lines.) a dc power supply can be connected if its ripple factor is 20% or less and the mean voltage is within the rated operating voltage range of the timer. connect the power supply voltage through a relay or switch in such a way that the voltage reaches a fix ed value at once or the timer may not be reset or a timer error could result. h3ca-8 and h3ca-8h timers with ac specifications are equivalent to capacitor loads. when switching the timer power supply with an ssr, use an ssr with a withstand voltage of twice the power supply voltage. since the h3ca-8 and h3ca-8h ti mers of ac specifications externally discharges a part of in ternal energy when the power is turned off, it may malfunction if an extremely sensitive relay is used with the following sequence circuit. if such a malfunction occurs, change the circuit configuration as shown below on the right side. time unit rated time 0.1 s 0.1 to 99.9 s s 1 to 999 s 0.1 m 0.1 to 99.9 m m 1 to 999 m 0.1 h 0.1 to 99.9 h h 1 to 999 h 10 h 10 to 9,990 h note: the operation mode is fixed to "a" for h3ca-8h. the characters are yellow. remaining time display the remaining time is displayed as a decreasing percentage between 0% and 100%. time unit selector time unit display window 0.1 s, s, 0.1 m 0.1 h, h, 10 h rated time selector rated time display window 001 to 999 note: the characters are yellow. t/b x/a t/b x/a x/a if malfunction is expected. h3ca 15 input/output the operation of the output contacts varies with the operation specifications. before making connections, check the operation specifications and operating co nditions using the application examples provided. the H3CA-A and h3ca-fa do not use transformers. simultaneous inputting power from two or more power supplies to separate timers or counters from a single input c ontact or transistor is not possible. for the power supply of an input de vice, use an isolating transformer, of which the primary and secondary windings are mutually isolated and the secondary winding is not grounded. a transformer is not used in the power supplies for the H3CA-A and h3ca-fa. you can therefore receiv e an electrical shock by touching the input terminals when the power supply voltage is being applied. take adequate precautions to prot ect against electrical shock. inputs to input signal terminals are made by shorting the individual input terminals to the common terminal (terminal 3 for the H3CA-A or terminal (x) for the h3ca-fa). internal circuits may be damaged if connections are made to any other terminals or if voltages are applied. if contacts are used to short the te rminals, they will be switching a low voltage (approximately 5 vdc) and current (approximately 100 a). you must therefore use high -reliability cont acts with a contact resistance of 1 k ? or less when shorted and residual voltage of 1 v maximum when shorted. the reset input will take priority if both the set and reset inputs are turned on simultaneously. others holding relays are used for outputs on the H3CA-A series. dropping the unit or otherwise subjecting it to shock can cause the relay to reverse or to move to the center position. how to mount the timer on mounting track when mounting a h3ca-fa timer on a socket mounting track, observe the following procedures: mounting first hook portion a of the timer to an edge of the track and then depress the timer in direction b. dismounting pull out portion c with a round-blade screwdriver and remove the timer from the mounting track. H3CA-A/-fa input terminal power supply circuit isolation transformer is required. rectifier circuit b a c in the interest of product improvement, specif ications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03 937. to convert grams into ounces, multiply by 0.03527. r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , m a c h i n e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : ? o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . ? n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . ? s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a p e r f o r m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2 0 1 2 . 8 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 2 a l l r i g h t r e s e r v e d . |
Price & Availability of H3CA-A |